Part Number Hot Search : 
SI4684 TA120033 N4972 W4DA55PM 318EEUP 60200 P6SMB33A U1009
Product Description
Full Text Search
 

To Download DG509A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-0028; Rev 4; 5/10
Monolithic CMOS Analog Multiplexers
General Description
Maxim's DG508A and DG509A are monolithic CMOS analog multiplexers (muxes): the DG508A is a single 8-channel (1-of-8) mux, and the DG509A is a differential 4-channel (2-of-8) mux. Both devices guarantee break-before-make switching. Maxim guarantees these muxes will not latch up if the power supplies are turned off with the input signals still present. Maxim also guarantees continuous operation when these devices are powered by supplies ranging from 4.5V to 18V. The DG508A/DG509A are plug-in upgrades for the industry-standard DG508A/DG509A, respectively. Maxim's parts have faster enable switching times and significantly lower leakage currents. The DG508A/ DG509A also consume significantly lower power, making them ideal for portable equipment. Improved Second Source Operate from 4.5V to 18V Supplies Symmetrical, Bidirectional Operation Logic and Enable Inputs, TTL and CMOS Compatible Latchup-Proof Construction Monolithic, Low-Power CMOS Design
Features
DG508A/DG509A
Ordering Information
PART DG508ACJ DG508ACWE DG508AC/D DG508ABK DG508ADJ DG508ADY DG508AEWE DG508AAK DG508AMY/PR DG509ACJ DG509ACWE DG509AC/D DG509ABK DG509ADJ DG509ADY DG509AEWE DG509AAK DG509AMY/PR TEMP RANGE 0C to +70C 0C to +70C 0C to +70C -20C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C -55C to +125C 0C to +70C 0C to +70C 0C to +70C -20C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C -55C to +125C PIN-PACKAGE 16 Plastic DIP 16 Wide SO Dice* 16 CERDIP 16 Plastic DIP 16 Narrow SO 16 Wide SO 16 CERDIP 16 Narrow SO 16 Plastic DIP 16 Wide SO Dice* 16 CERDIP 16 Plastic DIP 16 Narrow SO 16 Wide SO 16 CERDIP 16 Narrow SO
Applications
Control Systems Data Logging Systems Aircraft Heads-Up Displays Data-Acquisition Systems Signal Routing
Typical Operating Circuits
-15V -15V
ANALOG INPUT (OUTPUTS) +15V V+ CLOCK IN N.C. BIN QB QC
V+ GND VS1 S2 S3 DG508A S4 D S5 S6 S7 S8 A0 A1 A2 EN
ANALOG OUTPUT (INPUTS)
QD AIN Q r01 r02 GND A +15V
Devices are available in a lead(Pb)-free/RoHS-compliant package (except CERDIP). Specify lead-free by adding a plus (+) to the part number when ordering. *Contact factory for dice specifications.
N.C.
ENABLE IN (MUX ON/OFF CONTROL)
8-CHANNEL SEQUENTIAL MUX/DEMUX
Typical Operating Circuits continued at end of data sheet.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Monolithic CMOS Analog Multiplexers DG508A/DG509A
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to VV+ .....................................................................................+44V GND ................................................................................. +25V Digital Inputs, VS and VD (Note 1)...................-2V to (V+ + 2V) or 20mA, whichever occurs first Current (any terminal, except S or D) .................................30mA Continuous Current, S or D .................................................20mA Peak Current, S or D (pulsed at 1ms, 10% duty cycle max) ..40mA Continuous Power Dissipation (TA = +70C) Plastic DIP (derate 10.53mW/C above +70C) ...........842mW Narrow SO (derate 8.70mWIC above +70C) .............696mW Wide SO (derate 9.52mW/C above +70C).................762mW CERDIP (derate 10.00mW/C above +70C) ................800mW Operating Temperature Ranges: DG50_ACJ/CWE ..................................................0C to +70C DG50_ABK........................................................-20C to +85C DG50_ADJ/DY/EWE..........................................-40C to +85C DG50_AAK/MY ...............................................-55C to +125C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C Soldering Temperature (reflow) PDIP, Wide SO, Narrow SO, CERDIP containing lead(Pb)..+240C PDIP, Wide SO, Narrow SO lead(Pb)-free ....................+260C
Note 1: Signals on S_ or D_ exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maximum current ratings
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, VGND = 0V, TA = +25C, unless otherwise noted.)
PARAMETER SWITCH Analog Signal Drain-Source OnResistance SYMBOL CONDITIONS DG508AA/M DG509AA/M MIN VANALOG Sequence each switch on, VA_L = 0.8V, VA_H = 2.4V (Note 4) VD = 10V, I S = -200A VD = -10V, I S = 200A -15 170 130 TYP MAX +15 400 400 DG508AD/E/B/C DG509AD/E/B/C MIN -15 170 130 TYP MAX +15 450 450 V UNITS
RDS(ON)
Greatest Change in Drain-Source On-Resistance Between Channels Source OffLeakage Current Drain Off- DG508A Leakage Current DG509A Drain On- DG508A Leakage Current DG509A
RDS(ON)
RDS(ON) =
-10V VS
RDS(ON) max RDS(ON) min RDS(ON)
10V VS = 10V, VD = -10V VS = -10V, VD = 10V VD = 10V, VS = -10V VD = -10V, VS = 10V VD = 10V, VS = -10V VD = -10V, VS = 10V -2 VS(all) = VD = 10V VS(all) = VD = -10V VS(all) = VD = 10V VS(all) = VD = -10V -2 -2 -0.5 -2
6
6
%
I S(OFF)
VEN = 0V
0.002 -0.005 0.01 -0.015 0.005 -0.008 0.015 -0.03 0.007 -0.015
0.5 -1 2 -5 2 -5 2 -5 2 -5
0.002 -0.005 0.01 -0.015 0.005 -0.008 0.015 -0.03 0.007 -0.015
1 5 5 5
nA
ID(OFF)
VEN = 0V
nA
ID(ON)
Sequence each switch on, VA_L = 0.8V VA_H = 2.4V (Note 2)
5
nA
2
_______________________________________________________________________________________
Monolithic CMOS Analog Multiplexers
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, V- = -15V, VGND = 0V, TA = +25C, unless otherwise noted.)
PARAMETER LOGIC INPUT Logic Input Current, Input Voltage High Logic Input Current, Input Voltage Low DYNAMIC Multiplexer Switching Break-Before-Make Interval Enable Turn-On Time Enable Turn-Off Time Off-Isolation Source Off-Capacitance Drain OffCapacitanc e SUPPLY IDG508A DGS09A t transition t OPEN t ON(EN) t OFF(EN) OIRR CS(OFF) CD(OFF) Figure 1 Figure 3 Figure 2 Figure 2 VEN = 0V, RL = 1k , CL = l5pF, VS = 7VRMS f = 500kHz (Note 3) VS = 0V, VEN = 0V, f = 140kHz VS = 0V, VEN = 0V, f = 140kHz 0.6 0.2 0.4 0.2 68 5 25 12 0.02 -0.1 -0.01 0.02 -0.1 4.5 -0.01 0.2 -0.1 18.0 4.5 0.2 -0.1 1.0 0.7 1. 0 0.6 0.2 0.4 0.2 68 5 25 12 0.02 -0.01 0.02 -0.01 18.0 0.2 0.2 1.5 1.0 1. 0 s s s s dB pF pF IAH IAL VA_ = 2.4V VA_ = 15V All VA_ = 0V VEN = 2.4V VEN = 0V -10 -10 -10 0.006 10 10 -10 10 -0.002 0.006 -0.002 -0.002 10 A A SYMBOL CONDITIONS DG508AA/M DG509AA/M MIN TYP MAX DG508AD/E/B/C DG509AD/E/B/C MIN TYP MAX UNITS
DG508A/DG509A
Positive Supply Current Negative Supply Current Positive Supply Current in Standby Negative Supply Current in Standby Power-Supply Range for Continuous Operation
I+ II+ IV-, V+
VEN = 2.4V, all VA_ = 0V or 2.4V VEN = 2.4V, all VA_ = 0V or 2.4V VEN = 0V, all VA_ = 0V or 2.4V VEN = 0V, all VA_ = 0V or 2.4V (Notes 4, 5)
mA mA mA mA V
_______________________________________________________________________________________
3
Monolithic CMOS Analog Multiplexers DG508A/DG509A
ELECTRICAL CHARACTERISTICS
(V+ = 15V, VGND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
DG508AA/M DG509AA/M MIN SWITCH Analog Signal Range Drain-Source OnResistance Source Off-Leakage Current Drain OffLeakage Current DG508A ID(OFF) DG509A VEN = 0V VANALOG Sequence each switch on, VA_L = 0.8V, VA_H = 2.4V VEN = 0V VD = 10V, I S = -200A VD = -10V, I S = 200A -50 +200 -200 +200 -100 +200 -200 +100 -100 -30 +30 VEN = 2.4V VEN = 0V -30 -30 -30 -30 -100 -30 +30 -100 nA +100 -100 +100 -200 +100 -15 +15 500 500 +50 -50 +100 nA -15 +15 550 550 +50 nA V TYP MAX DG508AD/E/B/C DG509AD/E/B/C MIN TYP MAX
PARAMETER
SYMBOL
CONDITIONS
UNITS
RDS(ON)
I S(OFF)
VS = 10V, VD = -10V VS = -10V, VD = -10V VD = 10V, VS = -10V VD = -10V, VS = -10V VD = 10V, VS = -10V VD = -10V, VS = -10V VS(all) = VD = 10V VS(all) = VD = -10V VS(all) = VD = 10V VS(all) = VD = -10V
Drain OnLeakage Current
DG508A ID(ON) DG509A
Sequence each switch on, VA_L = 0.8V, VA_H = 2.4V (Note 2)
LOGIC INPUT Logic Input Current, Input Voltage High Logic Input Current, Input Voltage Low IAH IAL VA_ = 2.4V VA_ = 15V All VA_ = 0V A A
Note 2: ID(ON) is leakage from driver into on switch.
Note 3: Off-isolation = 20log
IVSI IVDI
VS = input to off switch, VD = output due to VS. Note 4: Electrical characteristics (such as on-resistance) change when power supplies other than 15V are used. Note 5: For designs requiring single 5V or dual 5V operation, refer to Maxim's improved MAX338 and MAX339. Minimum operating voltage for DG508ADY/MY and DG509ADY/MY is 9V.
4
_______________________________________________________________________________________
Monolithic CMOS Analog Multiplexers
Pin Configurations
TOP VIEW
A0 1 EN 2 V- 3 S1 4 S2 5 S3 6 S4 7 D8 16 A1 15 A2 14 GND
Pin Descriptions
PIN DG508A DIP/SO 1, 15, 16 -- 2 3 4-7 -- DG509A DIP/SO -- 1, 16 2 3 -- 4-7 -- 8, 9 -- 10-13 14 15 A0, A2, A1 A0, A1 EN VS1-S4 S1A-S4A D DA, DB S8-S5 S4B-S1B V+ GND Address Input Address Input Enable Negative-Supply Voltage Input Analog Inputs, Bidirectional Analog Inputs, Bidirectional Analog Outputs, Bidirectional Analog Outputs, Bidirectional Analog Inputs, Bidirectional Analog Inputs, Bidirectional Positive-Supply Voltage Input Ground NAME FUNCTION
DG508A/DG509A
DG508A
13 V+ 12 S5 11 S6 10 S7 9 S8
A0 1 EN 2 V- 3 S1A 4 S2A 5 S3A 6 S4A 7 DA 8
16 A1 15 GND 14 V+
8 -- 9-12 -- 13 14
DG509A
13 S1B 12 S2B 11 S3B 10 S4B 9 DB
DIP/SO
Functional Diagrams
V+ VGND V+ VGND
S1 S2 S3 S4 S5 S6 S7 S8 DG508A CMOS DECODE LOGIC D
S1A S2A S3A S4A S1B S2B S3B S4B DG509A CMOS DECODE LOGIC DB DA
A2
A1
A0
EN
A1
A0
EN
DG508A 8-CHANNEL SINGLE ENDED MULTIPLEXER
DG509A DIFFERENTIAL 4-CHANNEL MULTIPLEXER
_______________________________________________________________________________________
5
Monolithic CMOS Analog Multiplexers DG508A/DG509A
+2.4V
+15V V+
+2.4V
+15V V+ EN DG509A S1
EN
S1
10V
10V
S2-S7 A0 A1 A2 LOGIC INPUT GND 50 -15V V1M DG508A S8 D SWITCH OUTPUT VD 35pF A0 A1 LOGIC INPUT GND 50
S1A-S4A, DA, S2B, S3B S4B DB V1M -15V SWITCH OUTPUT VDS 35pF
Figure 1a. Switching-Time Test Circuit
Figure 1b. Switching-Time Test Circuit
+15V V+ EN S1 -5V EN DG509A S2-S7 A0 A1 A2 LOGIC INPUT 50 -15V D GND V1k SWITCH OUTPUT VD 35pF DG508A A0 A1 LOGIC INPUT 50
+15V V+ S1B -5V
S1A-S4A, DA, S2B, S3B
DB GND V1k -15V
SWITCH OUTPUT VDS 35pF
Figure 2a. DG508A Enable-Time Test Circuit
Figure 2b. DG509A Enable-Time Test Circuit
6
_______________________________________________________________________________________
Monolithic CMOS Analog Multiplexers DG508A/DG509A
LOGIC INPUT tr < 20ns tf < 20ns 3V 50% 0 VS1
DG508A DG509A ALL S AND DA +5V
+2.4V
+15V
EN
SWITCH OUTPUT VD (SEE FIG. 1) TRANSITION TIME
SWITCH OUTPUT VD
0.8VS1 0
LOGIC INPUT
A0, A1, (A2) GND 50
0.8VS8 VS8 ttransition S1ON tON (EN) S8ON ttransition tOFF (EN)
DB, D V1k -15V
35pF
Figure 3. Break-Before-Make Test Circuit
0 SWITCH 0.1V0 OUTPUT VD (SEE FIG. 2) TENABLE t(ON) t(OFF) TIME 0.9V0 V0 VS SWITCH OUTPUT VD (SEE FIG. 3) OPEN TIME (B.B.M INTERVAL) VS 50% 0V topen
Figure 4. Timing Diagram for Figures 1, 2, and 3
Table 1a. DG508A Truth Table
A2 X 0 0 0 0 1 1 1 1 A1 X 0 0 1 1 0 0 1 1 A0 X 0 1 0 1 0 1 0 1 EN 0 1 1 1 1 1 1 1 1 ON SWITCH NONE 1 2 3 4 5 6 7 8
Table 1b. DG509A Truth Table
A1 X 0 0 1 1 A0 X 0 1 0 1 EN 0 1 1 1 1 ON SWITCH NONE 1 2 3 4
X = Don't care.
X = Don't care.
_______________________________________________________________________________________
7
Monolithic CMOS Analog Multiplexers DG508A/DG509A
Typical Operating Circuits (continued)
-15V -15V
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status. PACKAGE TYPE PACKAGE CODE P16-1 W16-2 S16-5 J16-3 DOCUMENT NO. 21-0043 21-0042 21-0041 21-0045
DIFFERENTIAL ANALOG INPUTS (OUTPUTS)
V+ GND VS1A S2A DA S3A S4A DG509A S1B DB S2B S3B S4B A0 A1 EN
DIFFERENTIAL ANALOG OUTPUTS (INPUTS)
16 Plastic DIP 16 Wide SO 16 Narrow SO 16 CERDIP
+15V
CLOCK IN
Q J 1/2MM747C73 CLOCK K CLEAR GND Q N.C.
Q J 1/2MM747C73 CLOCK K Q
RESET ENABLE DIFFERENTIAL 4-CHANNEL SEQUENTIAL MUX/DEMUX
8
_______________________________________________________________________________________
Monolithic CMOS Analog Multiplexers
Revision History
REVISION NUMBER REVISION DATE DESCRIPTION Updated the "Drain-Source On-Resistance" parameter for both the TA = +25C and TA = TMIN to TMAX conditions. 4 5/10 Deleted the QFN package from the Ordering Information, Absolute Maximum Ratings, Pin Configurations, Pin Descriptions, and Package Information sections. Added the DG508AMY/PR and DG509AMY/PR parts to the Ordering Information table. PAGES CHANGED 2, 4 1, 2, 5, 8 1
DG508A/DG509A
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 9
(c) 2010 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of DG509A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X